PART |
Description |
Maker |
JK16-1400 JK16-300 JK16-700 JK16-1100 JK16-1200 JK |
Radial Lead Resettable Polymer PTCs
|
UN Semiconducctor INC
|
SC250-080 SC250-120 SC250-090 SC250-145T SC250-120 |
Radial Lead Resettable Polymer PTCs
|
Socay Electornics Co., ...
|
SC250-1000C SC250-1000S SC250-030 SC250-120C SC250 |
Radial Lead Resettable Polymer PTCs Radial Lead Resettable Polymer PTCs
|
Socay Electornics Co., ...
|
FP-6R3RE221M-L1CG FP-6R3RE681M-V1CG FP-6R3RE151M-L |
CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 6.3 V, 220 uF, THROUGH HOLE MOUNT RADIAL LEADED, LEAD FREE CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 6.3 V, 680 uF, THROUGH HOLE MOUNT RADIAL LEADED, LEAD FREE CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 6.3 V, 150 uF, THROUGH HOLE MOUNT RADIAL LEADED, LEAD FREE CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 6.3 V, 390 uF, THROUGH HOLE MOUNT RADIAL LEADED, LEAD FREE CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 6.3 V, 330 uF, THROUGH HOLE MOUNT RADIAL LEADED, LEAD FREE
|
Fujitsu, Ltd.
|
337AVG025MFBJ |
Radial lead aluminum polymer capacitors
|
Illinois Capacitor, Inc...
|
STK66083P STK66083 |
Aluminum Polymer Radial Lead Capacitor; Capacitance: 1200uF; Voltage: 6.3V; Case Size: 8x12 mm; Packaging: Bulk Non-Chopping Current Drive Print Head Driver
|
Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device]
|
PRCP-MSMF010 |
Polymer Resettable Circuit Protectors
|
Copal Electronics
|
250R080 250R120-R2 250R120-R3 250R120-RA 250R120-R |
POLYFUSE Resettable PTCs Radial Leaded
|
LITTELFUSE[Littelfuse]
|
V175LA10A V175LA2 V175LA20A V175LA5 V230LA10 V230L |
Line Voltage Operation, Radial Lead 线电压工作,径向引线 POWER QUICC II MICROCODE Line Voltage Operation/ Radial Lead Line Voltage Operation Radial Lead
|
Littelfuse, Inc. LITTELFUSE[Littelfuse]
|
PS9701 PS9701-E3 PS9701-E4 PS9701-F3 PS9701-F4 PS9 |
HIGH SPEED DIGITAL OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER 高速数字输出类引脚SOP光耦合 PRECISION POWER RADIAL-LEAD FILM RES, 22 OHM, 1% 高速数字输出类引脚SOP光耦合 PRECISION POWER RADIAL-LEAD FILM RES, 2.2K, 1% 高速数字输出类引脚SOP光耦合 PRECISION POWER RADIAL-LEAD FILM RES,2.20 OHM, 1% LOGIC-GATE-OUTPUT OPTOCOUPLER,1-CHANNEL,2.5KV ISOLATION,SO From old datasheet system
|
NEC, Corp. NEC Corp. NEC Electron Devices NEC[NEC]
|